Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 203Page - Renesas Technology Corp 4502 Datasheet HTML 204Page - Renesas Technology Corp 4502 Datasheet HTML 205Page - Renesas Technology Corp 4502 Datasheet HTML 206Page - Renesas Technology Corp 4502 Datasheet HTML 207Page - Renesas Technology Corp 4502 Datasheet HTML 208Page - Renesas Technology Corp 4502 Datasheet HTML 209Page - Renesas Technology Corp 4502 Datasheet HTML 210Page - Renesas Technology Corp 4502 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 214 page
background image
3.4 Notes on noise
3-37
4502 Group
APPENDIX
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
(3)
Wiring for clock input/output pins
• Make the length of wiring which is connected
to clock I/O pins as short as possible.
• Make the length of wiring across the
grounding lead of a capacitor which is
connected to an oscillator and the VSS pin
of a microcomputer as short as possible.
• Separate the VSS pattern only for oscillation
from other VSS patterns.
Fig. 3.4.3 Wiring for clock I/O pins
q Reason
If noise enters clock I/O pins, clock
waveforms may be deformed. This may
cause a program failure or program runaway.
Also, if a potential difference is caused by
the noise between the VSS level of a
microcomputer and the VSS level of an
oscillator, the correct clock will not be input
in the microcomputer.
Fig. 3.4.4 Wiring for CNVSS pin
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.
Noise
CNVSS
VSS
CNVSS
VSS
N.G.
O.K.
(4)
Wiring to CNVSS pin
Connect the CNVSS pin to the VSS pin with
the shortest possible wiring.
q Reason
The operation mode of a microcomputer is
influenced by a potential at the CNVSS pin.
If a potential difference is caused by the
noise between pins CNVSS and VSS, the
operation mode may become unstable. This
may cause a microcomputer malfunction or
a program runaway.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com