Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 633 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 633 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 629Page - Renesas Technology Corp SH7713 Datasheet HTML 630Page - Renesas Technology Corp SH7713 Datasheet HTML 631Page - Renesas Technology Corp SH7713 Datasheet HTML 632Page - Renesas Technology Corp SH7713 Datasheet HTML 633Page - Renesas Technology Corp SH7713 Datasheet HTML 634Page - Renesas Technology Corp SH7713 Datasheet HTML 635Page - Renesas Technology Corp SH7713 Datasheet HTML 636Page - Renesas Technology Corp SH7713 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 593 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
4 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
17.3.2
Serial Clock Select Register (SISCR)
SISCR is used to set the baud rate generator operation. SISCR can be specified when the TRMD1
and TRMD0 bits in SIMDR are specified as B
′10 or B′11. SISCR is initialized by a power-on
reset or software reset.
Bit
Bit Name
Initial
Value
R/W
Description
15
MSSEL
1
R/W
Master Clock Source Selection
The master clock is the clock input to the baud rate
generator.
0: Uses the SIOMCLK pin input signal as the master clock
1: Uses PCLK as the master clock
14
MSIMM
1
R/W
Master Clock Direct Selection
0: Uses the baud rate generator output clock as the clock
source
1: Uses the master clock itself as the clock source
13
—
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
12
11
10
9
8
BRPS4
BRPS3
BRPS2
BRPS1
BRPS0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Baud Rate Generator’s Prescalar Setting (BRPS)
Set the master clock division ratio BRPS.
00000: (
× 1/32)
00001: (
× 1/1)
00010: (
× 1/2)
11111: (
× 1/31)
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com