| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 637 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 637 Page - Renesas Technology Corp |
|
637 / 904 page ![]() Section 17 Serial I/O with FIFO (SIOF) Rev.1.50 Aug. 30, 2006 Page 597 of 860 REJ09B0288-0150 Bit Bit Name Initial Value R/W Description 11 10 9 8 CD0A3 CD0A2 CD0A1 CD0A0 0 0 0 0 R/W R/W R/W R/W Control Channel 0 Data Assigns 3 to 0 Specify the position of control channel 0 data in a receive or transmit frame as B ′0000 to B′1110. Transmit data for the control channel 0 data is specified in bits SITC015 to SITC00 in SITCR. Receive data for the control channel 0 data is stored in bits SIRC015 to SIRC00 in SIRCR. Note: If the CD0A3 to CD0A0 bits are set to B ′1111, operation is not guaranteed. 7 CD1E 0 R/W Control Channel 1 Data Enable 0: Disables transmission and reception of control channel 1 data 1: Enables transmission and reception of control channel 1 data 6 to 4 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 3 2 1 0 CD1A3 CD1A2 CD1A1 CD1A0 0 0 0 0 R/W R/W R/W R/W Control Channel 1 Data Assigns 3 to 0 Specify the position of control channel 1 data in a receive or transmit frame as B ′0000 to B′1110. Transmit data for the control channel 1 data is specified in bits SITC115 to SITC10 in SITCR. Receive data for the control channel 1 data is stored in bits SIRC115 to SIRC10 in SIRCR. Note: If the CD1A3 to CD1A0 bits are set to B ′1111, operation is not guaranteed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |