Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 635 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 635 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 631Page - Renesas Technology Corp SH7713 Datasheet HTML 632Page - Renesas Technology Corp SH7713 Datasheet HTML 633Page - Renesas Technology Corp SH7713 Datasheet HTML 634Page - Renesas Technology Corp SH7713 Datasheet HTML 635Page - Renesas Technology Corp SH7713 Datasheet HTML 636Page - Renesas Technology Corp SH7713 Datasheet HTML 637Page - Renesas Technology Corp SH7713 Datasheet HTML 638Page - Renesas Technology Corp SH7713 Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 595 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
6
TLREP
0
R/W
Transmit Left Channel Repeat
This bit setting is valid when the TDRE bit is set to 1.
When this bit is set to 1, settings of bits SITDR15 to
SITDR0 in SITDR are ignored.
0: Transmits data specified in the SITDR bit in SITDR as
right channel data.
1: Repeatedly transmits data specified in the SITDL bit in
SITDR as right channel data
5
4
—
—
0
0
R
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
2
1
0
TDRA3
TDRA2
TDRA1
TDRA0
0
0
0
0
R/W
R/W
R/W
R/W
Transmit Right Channel Data Assigns
Specify the position of right-channel data in transmit frame
as B
′0000 to B′1110. Transmit data for the right channel is
specified in bits SITDR15 to SITDR0 in SITDR.
Note: If the TDRA3 to TDRA0 bits are set to B
′1111,
operation is not guaranteed.
17.3.4
Serial Receive Data Assign Register (SIRDAR)
SIRDAR is used to specify the position of the receive data in a frame. SIRDAR is initialized by a
power-on reset or software reset.
Bit
Bit Name
Initial
Value
R/W
Description
15
RDLE
0
R/W
Receive Left Channel Data Enable
0: Disables left channel data reception
1: Enables left channel data reception
14 to 12
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com