| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 641 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 641 Page - Renesas Technology Corp |
|
641 / 904 page ![]() Section 17 Serial I/O with FIFO (SIOF) Rev.1.50 Aug. 30, 2006 Page 601 of 860 REJ09B0288-0150 17.3.7 SIOF FIFO Control Register (SIFCTR) SIFCTR is used to indicate the area available for the transmit/receive FIFO transfer. SIFCTR is initialized by a power-on reset or software reset. Bit Bit Name Initial Value R/W Description 15 14 13 TFWM2 TFWM1 TFWM0 0 0 0 R/W R/W R/W Transmit FIFO Watermark A transfer request to the transmit FIFO is issued by the TDREQ bit in SISTR. The transmit FIFO is always used as 16 stages of FIFO regardless of these bit settings. 000: Issue a transfer request when 16 stages of transmit FIFO are empty. 001: Reserved (setting prohibited) 010: Reserved (setting prohibited) 011: Reserved (setting prohibited) 100: Issue a transfer request when 12 or more stages of transmit FIFO are empty. 101: Issue a transfer request when 8 or more stages of transmit FIFO are empty. 110: Issue a transfer request when 4 or more stages of transmit FIFO are empty. 111: Issue a transfer request when 1 or more stages of transmit FIFO are empty. 12 11 10 9 8 TFUA4 TFUA3 TFUA2 TFUA1 TFUA0 1 0 0 0 0 R R R R R Transmit FIFO Usable Area Indicate the number of words that can be transferred by the CPU or DMAC as B ′00000 to B′10000. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |