Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 643 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 643 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 639Page - Renesas Technology Corp SH7713 Datasheet HTML 640Page - Renesas Technology Corp SH7713 Datasheet HTML 641Page - Renesas Technology Corp SH7713 Datasheet HTML 642Page - Renesas Technology Corp SH7713 Datasheet HTML 643Page - Renesas Technology Corp SH7713 Datasheet HTML 644Page - Renesas Technology Corp SH7713 Datasheet HTML 645Page - Renesas Technology Corp SH7713 Datasheet HTML 646Page - Renesas Technology Corp SH7713 Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 603 of 860
REJ09B0288-0150
17.3.8
SIOF Status Register (SISTR)
SISTR shows the SIOF state. Each of the bits of this register becomes an SIOF interrupt source
when the corresponding bit in SIIER is set to 1. SISTR is initialized by a power-on reset or
software reset.
Bit
Bit Name
Initial
Value
R/W
Description
15
—
0
R
Reserved
This bit is always read as 0. The write value should always be
0.
14
TCRDY
0
R
Transmit Control Data Ready
This bit indicates a state of the SIOF. If SITCR is written, the
SIOF clears this bit. This bit is valid when the TXE bit in SICTR
is set to 1. If the issue of interrupts by this bit is enabled, the
SIOF issues a control interrupt. If SITCR is written when this
bit is cleared to 0, SITCR is over-written and the previous
contents of SITCR are not output from the TXD_SIO pin.
0: Indicates that a write to SITCR is disabled
1: Indicates that a write to SITCR is enabled
Note: When using this bit, see 2 in section 17.5, Usage Notes.
13
TFEMP
0
R
Transmit FIFO Empty
This bit indicates a state; if SITDR is written, the SIOF clears
this bit. This bit is valid when the TXE bit in SICTR is 1. If the
issue of interrupts by this bit is enabled, the SIOF issues a
control interrupt.
0: Indicates that transmit FIFO is not empty
1: Indicates that transmit FIFO is empty
12
TDREQ
0
R
Transmit Data Transfer Request
A transmit data transfer request is issued when the empty
space in the transmit FIFO exceeds the size specified by the
TFWM bit in SIFCTR. This bit is valid when the TXE bit in
SICTR is 1. This bit indicates a state of the SIOF. If the size of
empty space in the transmit FIFO is less than the size
specified by the TFWM bit in SIFCTR, the SIOF clears this bit.
If the issue of interrupts by this bit is enabled, the SIOF issues
a transmit interrupt.
0: No transfer request
1: Transfer request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com