Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 646 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 646 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 642Page - Renesas Technology Corp SH7713 Datasheet HTML 643Page - Renesas Technology Corp SH7713 Datasheet HTML 644Page - Renesas Technology Corp SH7713 Datasheet HTML 645Page - Renesas Technology Corp SH7713 Datasheet HTML 646Page - Renesas Technology Corp SH7713 Datasheet HTML 647Page - Renesas Technology Corp SH7713 Datasheet HTML 648Page - Renesas Technology Corp SH7713 Datasheet HTML 649Page - Renesas Technology Corp SH7713 Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 606 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
1
RFUDR
0
R/W
Receive FIFO Underrun
Receive FIFO underrun means that reading of SIRDR has
occurred when the receive FIFO is empty. When a receive
underrun occurs, the value of data read from SIRDR is not
guaranteed.
This bit is valid when the RXE bit in SICTR is 1. When 1 is
written to this bit, the contents are cleared. If the issue of
interrupts by this bit is enabled, the SIOF issues an error
interrupt.
0: No receive FIFO underrun
1: Receive FIFO underrun
0
RFOVR
0
R/W
Receive FIFO Overrun
Receive FIFO overrun means that writing has occurred
when the receive FIFO is full. When a receive overrun
occurs, the SIOF indicates the overrun, and receive data is
lost.
This bit is valid when the RXE bit in SICTR is 1. When 1 is
written to this bit, the contents are cleared. If the issue of
interrupts by this bit is enabled, the SIOF issues an error
interrupt.
0: No receive FIFO overrun
1: Receive FIFO overrun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com