Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 650 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 650 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 646Page - Renesas Technology Corp SH7713 Datasheet HTML 647Page - Renesas Technology Corp SH7713 Datasheet HTML 648Page - Renesas Technology Corp SH7713 Datasheet HTML 649Page - Renesas Technology Corp SH7713 Datasheet HTML 650Page - Renesas Technology Corp SH7713 Datasheet HTML 651Page - Renesas Technology Corp SH7713 Datasheet HTML 652Page - Renesas Technology Corp SH7713 Datasheet HTML 653Page - Renesas Technology Corp SH7713 Datasheet HTML 654Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 610 of 860
REJ09B0288-0150
17.3.11
Serial Receive Data Register (SIRDR)
SIRDR is used to read receive data of the SIOF. SIRDR stores data in the receive FIFO. SIRDR is
initialized by a power-on reset, software reset, or receive reset.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
SIRDL15 to
SIRDL0
All 0
R
Left Channel Receive Data
Store data received from the RXD_SIO pin as left channel
data. The position of the left channel data in a receive
frame is specified by the RDLA bit in SIRDAR.
These bits are valid only when the RDLE bit in SIRDAR is
set to 1.
15 to 0
SIRDR15 to
SIRDR0
All 0
R
Right Channel Receive Data
Store data received from the RXD_SIO pin as right
channel data. The position of the right channel data in the
reception frame is specified by the RDRA bit in SIRDAR.
These bits are valid only when the RDRE bit in SIRDAR is
set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com