Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 654 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 654 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 650Page - Renesas Technology Corp SH7713 Datasheet HTML 651Page - Renesas Technology Corp SH7713 Datasheet HTML 652Page - Renesas Technology Corp SH7713 Datasheet HTML 653Page - Renesas Technology Corp SH7713 Datasheet HTML 654Page - Renesas Technology Corp SH7713 Datasheet HTML 655Page - Renesas Technology Corp SH7713 Datasheet HTML 656Page - Renesas Technology Corp SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 614 of 860
REJ09B0288-0150
Table 17.2 shows an example of serial clock frequency.
Table 17.2
SIOF Serial Clock Frequency
Sampling Rate
Frame Length
8 kHz
44.1 kHz
48 kHz
96 kHz
32 bits
256 kHz
1.4112 MHz
1.536 MHz
3.072 MHz
64 bits
512 kHz
2.8224 MHz
3.072 MHz
128 bits
1.024 MHz
5.6648 MHz
6.144 MHz
256 bits
2.048 MHz
11.2896 MHz
12.288 MHz
17.4.2
Serial Timing
SIOFSYNC: The SIOFSYNC is a frame synchronous signal. Depending on the transfer mode, it
has the following two functions.
• Synchronous pulse: 1-bit-width pulse indicating the start of the frame
• L/R: 1/2-frame-width pulse indicating the left channel stereo data (L) in high level and the
right channel stereo data (R) in low level
Figure 17.3 shows the SIOFSYNC synchronization timing. The timing of master mode 1, slave
mode 1, and slave mode 2 is shown in (a) in figure 17.3. The timing of master mode 2 is shown in
(b) in figure 17.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com