Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 652Page - Renesas Technology Corp SH7713 Datasheet HTML 653Page - Renesas Technology Corp SH7713 Datasheet HTML 654Page - Renesas Technology Corp SH7713 Datasheet HTML 655Page - Renesas Technology Corp SH7713 Datasheet HTML 656Page - Renesas Technology Corp SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp SH7713 Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 616 of 860
REJ09B0288-0150
SCK_SIO
SIOFSYNC
TXD_SIO
RXD_SIO
SCK_SIO
SIOFSYNC
TXD_SIO
RXD_SIO
(a) Falling-edge sampling
(a) Rising-edge sampling
Reception timing
Transmission timing
Reception timing
Transmission timing
Figure 17.4 SIOF Transmit/Receive Timing
17.4.3
Transfer Data Format
The SIOF performs the following transfer.
• Transmit/receive data: Transfer of 8-bit data/16-bit data/16-bit stereo data
• Control data: Transfer of 16-bit data (uses the specific register as interface)
Transfer Mode: The SIOF supports the following four transfer modes as listed in table 17.3. The
transfer mode can be specified by the TRMD1 and TRMD0 bits in SIMDR.
Table 17.3
Serial Transfer Modes
Transfer Mode
SIOFSYNC
Bit Delay
Control Data
Slave mode 1
Synchronous pulse
One bit
Slot position
Slave mode 2
Synchronous pulse
One bit
Secondary FS
Master mode 1
Synchronous pulse
One bit
Slot position
Master mode 2
L/R
No
Not supported
Frame Length: The length of the frame to be transferred by the SIOF is specified by the FL3 to
FL0 bits in SIMDR. Table 17.4 shows the relationship between the settings of the FL3 to FL0 bits
and frame length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com