Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 657 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 657 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 653Page - Renesas Technology Corp SH7713 Datasheet HTML 654Page - Renesas Technology Corp SH7713 Datasheet HTML 655Page - Renesas Technology Corp SH7713 Datasheet HTML 656Page - Renesas Technology Corp SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp SH7713 Datasheet HTML 660Page - Renesas Technology Corp SH7713 Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 617 of 860
REJ09B0288-0150
Table 17.4
Frame Length
FL3 to FL0
Slot Length
Number of Bits in a Frame
Transfer Data
00xx
8
8
8-bit monaural data
0100
8
16
8-bit monaural data
0101
8
32
8-bit monaural data
0110
8
64
8-bit monaural data
0111
8
128
8-bit monaural data
10xx
16
16
16-bit monaural data
1100
16
32
16-bit monaural/stereo data
1101
16
64
16-bit monaural/stereo data
1110
16
128
16-bit monaural/stereo data
1111
16
256
16-bit monaural/stereo data
[Legend]
x:
Don't care.
Slot Position: The SIOF can specify the position of transmit data, receive data, and control data
(common to transmission and reception) by slot numbers. The slot number of each data is
specified by the following registers.
• Transmit data: SITDAR
• Receive data: SIRDAR
• Control data: SICDAR
Only 16-bit slot leugth is valid for control register. In addition, control data is always assigned to
the same slot number both in transmission and reception.
17.4.4
Register Allocation of Transfer Data
Transmit/Receive Data: Writing and reading of transmit or receive data are performed for the
following registers.
• Transmit data writing: SITDR (32-bit access)
• Receive data reading: SIRDR (32-bit access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com