Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 661 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 661 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp SH7713 Datasheet HTML 660Page - Renesas Technology Corp SH7713 Datasheet HTML 661Page - Renesas Technology Corp SH7713 Datasheet HTML 662Page - Renesas Technology Corp SH7713 Datasheet HTML 663Page - Renesas Technology Corp SH7713 Datasheet HTML 664Page - Renesas Technology Corp SH7713 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 621 of 860
REJ09B0288-0150
Control by Secondary FS (Slave Mode 2): The CODEC normally outputs SIOFSYNC as
synchronization pulse (FS). In this method, the CODEC outputs the secondary FS specific to the
control data transfer after 1/2 frame time has been passed (not the normal FS output timing) to
transmit or receive control data. This method is valid for SIOF slave mode. The following
summarizes the control data interface procedure by secondary FS.
• Transmit normal transmit data of LSB = 0 (The SIOF forcibly clears 0)
• To execute control data transmission, send transmit data of LSB = 1 (The SIOF forcibly set to
1 by writing SITCR)
• The CODEC outputs the secondary FS.
• The SIOF transmits control data (data specified by SITCR) or receives control data (stores in
SIRCR) synchronously with the secondary FT.
Figure 17.8 shows an example of control data interface timing by secondary FS.
SCK_SIO
RXD_SIO
TXD_SIO
SIOFSYNC
Lch.DATA
Setting: TRMD = 01,
TDLE = 1,
RDLE = 1,
CD0E = 1,
REDG = 0,
TDLA3 to TDLA0 = 0000,
RDLA3 to RDLA0 = 0000,
CD0A3 to CD0A0 = 0000,
FL = 1110 (Frame length: 128 bits),
TDRE = 0,
RDRE =0,
CD1E = 0,
TDRA3 to TDRA0 = 0000,
RDRA3 to RDRA0 = 0000,
CD1A3 to CD1A0 = 0000
LSB = 1 (Secondary FS request)
1 frame
1/2 frame
1/2 frame
Normal FS
Normal FS
Secondary FS
Control
channel 0
Slot
No.0
Slot
No.0
Figure 17.8 Control Data Interface (Secondary FS)
17.4.6
FIFO
Overview: The transmit and receive FIFOs of the SIOF have the following features.
• Sixteen-stage 32-bit FIFOs for transmission and reception
• The FIFO pointer can be modified in one read or write cycle regardless of access size of the
CPU and DMAC. (One-stage 32-bit FIFO access cannot be divided into multiple accesses.)
• Regardless of access size, the number of access cycles is always two cycles of the P-bus cycle.
Transfer Request: The SIOF indicates a transfer request of the FIFO in the following two bits of
SISTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com