Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 662 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 662 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp SH7713 Datasheet HTML 660Page - Renesas Technology Corp SH7713 Datasheet HTML 661Page - Renesas Technology Corp SH7713 Datasheet HTML 662Page - Renesas Technology Corp SH7713 Datasheet HTML 663Page - Renesas Technology Corp SH7713 Datasheet HTML 664Page - Renesas Technology Corp SH7713 Datasheet HTML 665Page - Renesas Technology Corp SH7713 Datasheet HTML 666Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 622 of 860
REJ09B0288-0150
• FIFO transmit request: TDREQ (transmit interrupt source)
• FIFO receive request: RDREQ (receive interrupt source)
The request conditions for FIFO transmit or receive can be specified individually. The request
conditions for the FIFO transmit and receive are specified by the TFWM2 to TFWM0 bits and
RFWM2 to RFWM0 bits in SIFCTR, respectively. Tables 17.8 and 17.9 summarize the conditions
specified by SIFCTR.
Table 17.8
Conditions to Issue Transmit Request
TFWM2 to TFWM0
Number of
Requested Stages
Transmit Request
Used Areas
000
1
Empty area is 16 stages
100
4
Empty area is 12 stages or more
101
8
Empty area is 8 stages or more
110
12
Empty area is 4 stages or more
Smallest
111
16
Empty area is 1 stage or more
Largest
Table 17.9
Conditions to Issue Receive Request
RFWM2 to RFWM0
Number of
Requested Stages
Receive Request
Used Areas
000
1
Valid data is 1 stage or more
100
4
Valid data is 4 stages or more
101
8
Valid data is 8 stages or more
110
12
Valid data is 12 stages or more
Smallest
111
16
Valid data is 16 stages
Largest
The number of stages of the FIFO is always sixteen even if the data area or empty area exceeds the
above stage number. Accordingly, an overrun error or underrun error occurs if data area or empty
area exceeds sixteen FIFO stages. FIFO transmission or reception request is cancelled when the
above condition is not satisfied even if the FIFO is not empty or full.
Number of FIFOs: The number of FIFO stages used in transmission and reception is indicated by
the following register.
• Transmit FIFO: The number of empty FIFO stages are indicated by the TFUA4 to TFUA0 bits
in SIFCTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com