Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 659 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 659 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 655Page - Renesas Technology Corp SH7713 Datasheet HTML 656Page - Renesas Technology Corp SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp SH7713 Datasheet HTML 660Page - Renesas Technology Corp SH7713 Datasheet HTML 661Page - Renesas Technology Corp SH7713 Datasheet HTML 662Page - Renesas Technology Corp SH7713 Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 619 of 860
REJ09B0288-0150
Table 17.5
Audio Mode Specification for Transmit Data
Bit
Mode
TDLE
TDRE
TLREP
Monaural
1
0
x
Stereo
1
1
0
left and right same audio output
1
1
1
Note:
x: Don't care
Table 17.6
Audio Mode Specification for Receive Data
Bit
Mode
RDLE
RDRE
Monaural
1
0
Stereo
1
1
Note:
Left and right same audio mode is not supported in receive data.
Control Data: Control data is written to or read from by the following registers.
• Transmit control data write: SITCR (32-bit access)
• Receive control data read: SIRCR (32-bit access)
Figure 17.6 shows the control data and bit alignment in SITCR and SIRCR.
31
24 23
16 15
8 7
0
31
24 23
16 15
8 7
0
(a) Control data: one channel
(b) Control data: two channel
Control data
(channel 0)
Control data
(channel 0)
Control data
(channel 1)
Figure 17.6 Control Data Bit Alignment
The number of channels in control data is specified by CD0E and CD1E bits in SICDAR. Table
17.7 shows the relationship between the number of channels in control data and bit settings. To
use only one channel in control data, use channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com