Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 655 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 655 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 651Page - Renesas Technology Corp SH7713 Datasheet HTML 652Page - Renesas Technology Corp SH7713 Datasheet HTML 653Page - Renesas Technology Corp SH7713 Datasheet HTML 654Page - Renesas Technology Corp SH7713 Datasheet HTML 655Page - Renesas Technology Corp SH7713 Datasheet HTML 656Page - Renesas Technology Corp SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 615 of 860
REJ09B0288-0150
(a) Synchronous pulse
1 frame
First bit data (MSB)
1 frame
1/2 frame length
No delay
1-bit delay
1/2 frame length
(b) L/R
SCK_SIO
SIOFSYNC
TXD_SIO
RXD_SIO
SCK_SIO
SIOFSYNC
TXD_SIO
RXD_SIO
First bit of left
channel data (MSB)
First bit of right
channel data (MSB)
Figure 17.3 Serial Data Synchronization Timing
Transmit/Receive Timing: The TXD_SIO transmission timing and RXD_SIO reception timing
relative to the SCK_SIO signal can be set as the sampling timing in the following two ways. The
transmit/receive timing is set using the REDG bit in SIMDR. In slave mode 1 and slave mode 2,
only falling-edge sampling is available.
• Falling-edge sampling
• Rising-edge sampling
Figure 17.4 shows the transmit/receive timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com