Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 660 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 660 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 656Page - Renesas Technology Corp SH7713 Datasheet HTML 657Page - Renesas Technology Corp SH7713 Datasheet HTML 658Page - Renesas Technology Corp SH7713 Datasheet HTML 659Page - Renesas Technology Corp SH7713 Datasheet HTML 660Page - Renesas Technology Corp SH7713 Datasheet HTML 661Page - Renesas Technology Corp SH7713 Datasheet HTML 662Page - Renesas Technology Corp SH7713 Datasheet HTML 663Page - Renesas Technology Corp SH7713 Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 620 of 860
REJ09B0288-0150
Table 17.7
Setting for Number of Control Data Channels
Bit
Number of Channels
CD0E
CD1E
1
1
0
2
1
1
17.4.5
Control Data Interface
Control data performs control command output to the CODEC and status input from the CODEC.
The SIOF supports the following two control data interface methods.
• Control by slot position
• Control by secondary FS
Control data is valid only when slot length is specified as 16 bits and MSB-first
transmission/reception is selected.
Control by Slot Position (Master Mode 1): Control data is transferred for all frames transmitted
or received by the SIOF by specifying the slot position of control data. This method can be used in
both SIOF master and slave modes. Figure 17.7 shows an example of control data interface timing
by slot position control.
Note:
When using this control method, use PCLK as the master clock (master clock selection
(MSSEL) = 1).
SCK_SIO
RXD_SIO
TXD_SIO
SIOFSYNC
Lch.DATA
Rch.DATA
Setting: TRMD = 00 or 10,
TDLE = 1,
RDLE = 1,
CD0E = 1,
REDG = 0,
TDLA3 to TDLA0 = 0000,
RDLA3 to RDLA0 = 0000,
CD0A3 to CD0A0 = 0001,
FL = 1110 (Frame length: 128 bits),
TDRE = 1,
RDRE = 1,
CD1E = 1,
TDRA3 to TDRA0 = 0010,
RDRA3 to RDRA0 = 0010,
CD1A3 to CD1A0 = 0011
Control
channel 0
Control
channel 0
1 frame
Slot No.0
Slot No.1
Slot No.2
Slot No.3
Figure 17.7 Control Data Interface (Slot Position)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com