Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 665 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 665 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 661Page - Renesas Technology Corp SH7713 Datasheet HTML 662Page - Renesas Technology Corp SH7713 Datasheet HTML 663Page - Renesas Technology Corp SH7713 Datasheet HTML 664Page - Renesas Technology Corp SH7713 Datasheet HTML 665Page - Renesas Technology Corp SH7713 Datasheet HTML 666Page - Renesas Technology Corp SH7713 Datasheet HTML 667Page - Renesas Technology Corp SH7713 Datasheet HTML 668Page - Renesas Technology Corp SH7713 Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 625 of 860
REJ09B0288-0150
Start
No
Yes
No
Yes
End
No.
1
2
3
4
5
6
7
8
9
Set SIMDR, SISCR, SITDAR,
SIRDAR, SICDAR, and SIFCTR
Set SCKE bit in SICTR to 1
Start SCK_SIO clock transmission
Set FSE bit in SICTR to 1
Set RXE bit in SICTR to 1
RDREQ=1?
Receive
ended?
Clear RXE bit in SICTR to 0
Set operating mode, serial clock,
slot positions for transmit/receive
data, slot position for control data,
and the upper limit value of FIFO
request
Set operation start for baud rate
generator
Set the start for frame
synchronous signal
Transmit frame
synchronous signal
Set to enable reception
Transmit serial clock
Time Chart
SIOF Settings
SIOF Operation
Submit reception request
according to the receive
FIFO threshold value
Reception
End reception
Read receive data
Set to disable reception
Read SIRDR
Store receive data from RXD_SIO
in SIRDR synchronously with SIOFSYNC
Figure 17.10 Example of Reception Operation in Master Mode
Transmission in Slave Mode: Figure 17.11 shows an example of settings and operation for slave
mode transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com