Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 667 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 667 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 663Page - Renesas Technology Corp SH7713 Datasheet HTML 664Page - Renesas Technology Corp SH7713 Datasheet HTML 665Page - Renesas Technology Corp SH7713 Datasheet HTML 666Page - Renesas Technology Corp SH7713 Datasheet HTML 667Page - Renesas Technology Corp SH7713 Datasheet HTML 668Page - Renesas Technology Corp SH7713 Datasheet HTML 669Page - Renesas Technology Corp SH7713 Datasheet HTML 670Page - Renesas Technology Corp SH7713 Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 627 of 860
REJ09B0288-0150
Start
No
Yes
No
Yes
End
No.
1
2
3
4
5
6
Set SIMDR, SISCR, SITDAR,
SIRDAR, SICDAR, and SIFCTR
Set RXE bit in SICTR register to 1
RDREQ=1?
Transfer
ended?
Clear RXE bit in SICTR to 0
Set operating mode, serial clock,
slot positions for transmit/receive
data, slot position for control data,
and the upper limit value of FIFO
request
Time Chart
SIOF Settings
SIOF Operation
Submit reception request
according to the limit
value of receive FIFO
Reception
End reception
Read receive data
Set to disable reception
Read SIRDR
Store receive data from RXD_SIO
in SIRDR synchronously with SIOFSYNC
Set to enable reception
Enable reception when the
frame synchronous signal is
input
Figure 17.12 Example of Reception Operation in Slave Mode
Transmission/Reception Reset: The SIOF can separately reset the transmission and reception
units by setting the following bits to 1.
• Transmission reset: TXRST bit in SICTR
• Reception reset: RXRST bit in SICTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com