| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 670 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 670 Page - Renesas Technology Corp |
|
670 / 904 page ![]() Section 17 Serial I/O with FIFO (SIOF) Rev.1.50 Aug. 30, 2006 Page 630 of 860 REJ09B0288-0150 Table 17.12 Setting Condition of Transmit/Receive Interrupt Flag Setting Condition Reset Condition Transmit interrupt flag TDREQ bit in SISTR is set to 1 TDREQ bit in SISTR is cleared to 0 Acknowledge from DMAC Receive interrupt flag RDREQ bit in SISTR is set to 1 RDREQ bit in SISTR is cleared to 0 Acknowledge from DMAC Processing when Errors Occur: On occurrence of each of the errors indicated as a status in SISTR, the SIOF performs the following operations. • Transmit FIFO underrun (TFUDR) The immediately preceding transmit data is again transmitted. • Transmit FIFO overrun (TFOVR) The contents of the transmit FIFO are protected, and the write operation causing the overrun is ignored. • Receive FIFO overrun (RFOVR) Data causing the overrun is discarded and lost. • Receive FIFO underrun (RFUDR) The latest read data is output on the bus (undefined value as specification). • Frame synchronization error (FSERR) The internal counter is reset according to the FSYN signal in which an error occurs. 17.4.9 Transmission and Reception Timing Examples of the SIOF serial transmission and reception are shown in figure 17.13 through figure 17.19. 8-bit Monaural Data (1): Synchronous pulse method, falling edge sampling, slot No.0 used for transmit and receive data, frame length = 8 bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |