Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 668 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 668 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 664Page - Renesas Technology Corp SH7713 Datasheet HTML 665Page - Renesas Technology Corp SH7713 Datasheet HTML 666Page - Renesas Technology Corp SH7713 Datasheet HTML 667Page - Renesas Technology Corp SH7713 Datasheet HTML 668Page - Renesas Technology Corp SH7713 Datasheet HTML 669Page - Renesas Technology Corp SH7713 Datasheet HTML 670Page - Renesas Technology Corp SH7713 Datasheet HTML 671Page - Renesas Technology Corp SH7713 Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 628 of 860
REJ09B0288-0150
Table 17.10 shows the details of initialization upon transmission or reception reset.
Table 17.10 Transmission and Reception Reset
Type
Objects Initialized
Transmission reset
SITDR
Transmit FIFO write pointer, transmit FIFO read pointer
TCRDY bit, TFEMP bit, TDREQ bit in SISTR
TXE bit in SICTR
Reception reset
SIRDR
Receive FIFO write pointer, receive FIFO read pointer
RCRDY bit, RFFUL bit, RDREQ bit in SISTR
RXE bit in SICTR
Module Stop: In the module stop state, the SIOF stops transmit/receive operation with contents of
all registers retained. If transmit/receive operation is not performed immediately after the module
stop state is cleared, issue a transmit/receive reset.
17.4.8
Interrupts
The SIOF has four types of interrupts listed below. This classification is reflected to the IRR7
(SIOF0) and IRR8 (SIOF1) of the interrupt controller (INTC).
• Transmit interrupt (TXI)
• Receive interrupt (RXI)
• Control interrupt (CCI)
• Error interrupt (ERI)
Interrupt Sources: Interrupts can each be issued by several sources. Each source is shown as an
SIOF status in SISTR. Table 17.11 lists the SIOF interrupt sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com