Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 647 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 647 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 643Page - Renesas Technology Corp SH7713 Datasheet HTML 644Page - Renesas Technology Corp SH7713 Datasheet HTML 645Page - Renesas Technology Corp SH7713 Datasheet HTML 646Page - Renesas Technology Corp SH7713 Datasheet HTML 647Page - Renesas Technology Corp SH7713 Datasheet HTML 648Page - Renesas Technology Corp SH7713 Datasheet HTML 649Page - Renesas Technology Corp SH7713 Datasheet HTML 650Page - Renesas Technology Corp SH7713 Datasheet HTML 651Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 607 of 860
REJ09B0288-0150
17.3.9
SIOF Interrupt Enable Register (SIIER)
SIIER is a used to enable the issue of SIOF interrupts. When each of the bits of this register is set
to 1, and the corresponding bit of the SISTR is set to 1, the SIOF issues an interrupt. SIIER is
initialized by a power-on reset or software reset.
Bit
Bit Name
Initial
Value
R/W
Description
15
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
14
TCRDYE
0
R/W
Transmit Control Data Ready Enable
0: Disables interrupts due to transmit control data ready
1: Enables interrupts due to transmit control data ready
(control interrupt)
13
TFEMPE
0
R/W
Transmit FIFO Empty Enable
0: Disables interrupts due to transmit FIFO empty
1: Enables interrupts due to transmit FIFO empty (control
interrupt)
12
TDREQE
0
R/W
Transmit Data Transfer Request Enable
0: Disables interrupts due to transmit data transfer requests
1: Enables interrupts due to transmit data transfer requests
(transmit interrupt)
11
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
10
RCRDYE
0
R/W
Receive Control Data Ready Enable
0: Disables interrupts due to receive control data ready
1: Enables interrupts due to receive control data ready
(control interrupt)
9
RFFULE
0
R/W
Receive FIFO Full Enable
0: Disables interrupts due to receive FIFO full
1: Enables interrupts due to receive FIFO full (control
interrupt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com