Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 649 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 649 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 645Page - Renesas Technology Corp SH7713 Datasheet HTML 646Page - Renesas Technology Corp SH7713 Datasheet HTML 647Page - Renesas Technology Corp SH7713 Datasheet HTML 648Page - Renesas Technology Corp SH7713 Datasheet HTML 649Page - Renesas Technology Corp SH7713 Datasheet HTML 650Page - Renesas Technology Corp SH7713 Datasheet HTML 651Page - Renesas Technology Corp SH7713 Datasheet HTML 652Page - Renesas Technology Corp SH7713 Datasheet HTML 653Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 609 of 860
REJ09B0288-0150
17.3.10
Serial Transmit Data Register (SITDR)
SITDR is used to specify the SIOF transmit data. The setting data for this register is stored in the
transmit FIFO. SITDR is initialized by a power-on reset, software reset, or transmit reset.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
SITDL15 to
SITDL0
All 0
W
Left Channel Transmit Data
Specify data to be output from the TXD_SIO pin as left
channel data. The position of the left channel data in the
transmission frame is specified by the TDLA bit in
SITDAR.
These bits are valid only when the TDLE bit in SITDAR is
set to 1.
15 to 0
SITDR15 to
SITDR0
All 0
W
Right Channel Transmit Data
Specify data to be output from the TXD_SIO pin as right
channel data. The position of the right channel data in the
transmission frame is specified by the TDRA bit in
SITDAR.
These bits are valid only when the TDLE bit and TLREP
bit in SITDAR are set to 1 and cleared to 0, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com