Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 642 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 642 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 638Page - Renesas Technology Corp SH7713 Datasheet HTML 639Page - Renesas Technology Corp SH7713 Datasheet HTML 640Page - Renesas Technology Corp SH7713 Datasheet HTML 641Page - Renesas Technology Corp SH7713 Datasheet HTML 642Page - Renesas Technology Corp SH7713 Datasheet HTML 643Page - Renesas Technology Corp SH7713 Datasheet HTML 644Page - Renesas Technology Corp SH7713 Datasheet HTML 645Page - Renesas Technology Corp SH7713 Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
Rev.1.50 Aug. 30, 2006 Page 602 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
RFWM2
RFWM1
RFWM0
0
0
0
R/W
R/W
R/W
Receive FIFO Watermark
A transfer request to the receive FIFO is issued by the RDREQ
bit in SISTR. The receive FIFO is always used as 16 stages of
FIFO regardless of these bit settings.
000: Issue a transfer request when 1 stage or more of receive
FIFO are valid.
001: Reserved (setting prohibited)
010: Reserved (setting prohibited)
011: Reserved (setting prohibited)
100: Issue a transfer request when 4 or more stages of receive
FIFO are valid.
101: Issue a transfer request when 8 or more stages of receive
FIFO are valid.
110: Issue a transfer request when 12 or more stages of
receive FIFO are valid.
111: Issue a transfer request when 16 stages of receive FIFO
are valid.
4
3
2
1
0
RFUA4
RFUA3
RFUA2
RFUA1
RFUA0
0
0
0
0
0
R
R
R
R
R
Receive FIFO Usable Area
Indicate the number of words that can be transferred by the
CPU or DMAC as B
′00000 to B′10000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com