| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 675 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 675 Page - Renesas Technology Corp |
|
675 / 904 page ![]() Section 17 Serial I/O with FIFO (SIOF) Rev.1.50 Aug. 30, 2006 Page 635 of 860 REJ09B0288-0150 17.5 Usage Notes Note the following when using the SIOF. 1. Using the transmit function in slave mode If transmission is enabled when data has already been written to the transmit FIFO, one or two of the first data bytes may be lost. Therefore, data should not be written to the transmit FIFO before enabling transmission. 2. Using control data transmission/reception consecutively on control data interface (secondary FS position) The TCRDY value may become 1 before transmit control data is sent, and if the next control data is written to the control data register at this point, the control data waiting to be sent will be overwritten and erased. At this time, also, the control sequence is disrupted and the SIOF switches around the primary FS and secondary FS, with the result that transmission/reception of data and control data can no longer be performed normally. The control data register should therefore be written to after transmit control data has been sent. Example: Check RCRDY, and write to the control data register when RCRDY is 1. After transmit control data has been written to, it is essential to read the receive control register (SIRCR) and clear RCRDY. 3. DMA transfer Do not use 16-byte DMA transfer. (See section 13.4.4, DMA Transfer Types.) 4. Access from the CPU When performing access from the CPU, do not access the SIOF's transmit/receive FIFO consecutively, but instead insert an access to somewhere else between SIOF transmit/receive FIFO accesses. 5. Transmit/receive FIFO underflow If the transmit/receive FIFO underflows during a transmit/receive operation, control of the SIOF's transmit/receive FIFO may fail and data may be lost. To prevent this, either set a watermark so that an underflow does not occur, or execute a transmit reset (TXRST) or receive reset (RXRST) when an empty interrupt is generated. 6. Transmit/receive reset execution When using the SIOF again after a transmit/receive operation ends, or after erroneous operation occurs, first execute a transmit reset (TXRST) or receive reset (RXRST). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |