Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 677 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 677 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 673Page - Renesas Technology Corp SH7713 Datasheet HTML 674Page - Renesas Technology Corp SH7713 Datasheet HTML 675Page - Renesas Technology Corp SH7713 Datasheet HTML 676Page - Renesas Technology Corp SH7713 Datasheet HTML 677Page - Renesas Technology Corp SH7713 Datasheet HTML 678Page - Renesas Technology Corp SH7713 Datasheet HTML 679Page - Renesas Technology Corp SH7713 Datasheet HTML 680Page - Renesas Technology Corp SH7713 Datasheet HTML 681Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
ISFETH01B_000020020900
Rev.1.50 Aug. 30, 2006 Page 637 of 860
REJ09B0288-0150
Section 18 Ethernet Controller (EtherC)
This LSI has an on-chip Ethernet controller (EtherC) conforming to the Ethernet or the IEEE802.3
MAC (Media Access Control) layer standard. Connecting a physical-layer LSI (PHY-LSI)
complying with this standard enables the Ethernet controller (EtherC) to perform transmission and
reception of Ethernet/IEEE802.3 frames. The LSI has one MAC layer interface port which can be
made to perform transmission and reception independently. The Ethernet controller is connected
to the Ethernet Direct Memory Access Controller (E-DMAC) for Ethernet controller inside the
LSI, and carries out high-speed data transfer to and from the memory.
Figure 18.1 shows a configuration of the EtherC.
18.1
Features
• Transmission and reception of Ethernet/IEEE802.3 frames
• Supports 10/100 Mbps receive/transfer
• Supports full-duplex and half-duplex modes
• Conforms to IEEE802.3u standard MII (Media Independent Interface)
• Magic Packet detection and Wake-On-LAN (WOL) signal output
E-DMAC
Receive
controller
Transmit
controller
MII
Command status
interface
Ether C
MAC
PHY
E-DMAC Interface
Figure 18.1 Configuration of EtherC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com