Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 675Page - Renesas Technology Corp SH7713 Datasheet HTML 676Page - Renesas Technology Corp SH7713 Datasheet HTML 677Page - Renesas Technology Corp SH7713 Datasheet HTML 678Page - Renesas Technology Corp SH7713 Datasheet HTML 679Page - Renesas Technology Corp SH7713 Datasheet HTML 680Page - Renesas Technology Corp SH7713 Datasheet HTML 681Page - Renesas Technology Corp SH7713 Datasheet HTML 682Page - Renesas Technology Corp SH7713 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 639 of 860
REJ09B0288-0150
18.3
Register Descriptions
The EtherC has the following registers. For details on addresses and access sizes of registers, see
section 23, List of Registers.
Reset Register:
• Software reset register (ARSTR)
MAC Layer Interface Control Registers:
• EtherC mode register (ECMR)
• EtherC status register (ECSR)
• EtherC interrupt permission register (ECSIPR)
• PHY interface register (PIR)
• MAC address high register (MAHR)
• MAC address low register (MALR)
• Receive frame length register (RFLR)
• PHY status register (PSR)
• Transmit retry over counter register (TROCR)
• Delayed collision detect counter register (CDCR)
• Lost carrier counter register (LCCR)
• Carrier not detect counter register (CNDCR)
• CRC error frame receive counter register (CEFCR)
• Frame receive error counter register (FRECR)
• Too-short frame receive counter register (TSFRCR)
• Too-long frame receive counter register (TLFRCR)
• Residual-bit frame receive counter register (RFCR)
• Multicast address frame receive counter register (MAFCR)
• IPG register (IPGR)
TSU Control Registers:
• TSU counter reset register (TSU_CTRST)
• Transmit frame counter register (normal transmission only) (TXNLCR)
• Transmit frame counter register (normal and error transmission) (TXALCR)
• Receive frame counter register (normal reception only) (RXNLCR)
• Receive frame counter register (normal and error reception) (RXALCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com