Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 678Page - Renesas Technology Corp SH7713 Datasheet HTML 679Page - Renesas Technology Corp SH7713 Datasheet HTML 680Page - Renesas Technology Corp SH7713 Datasheet HTML 681Page - Renesas Technology Corp SH7713 Datasheet HTML 682Page - Renesas Technology Corp SH7713 Datasheet HTML 683Page - Renesas Technology Corp SH7713 Datasheet HTML 684Page - Renesas Technology Corp SH7713 Datasheet HTML 685Page - Renesas Technology Corp SH7713 Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 642 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
6
RE
0
R/W
Reception Enable
If a switch is made from receive function enabled (RE
= 1) to disabled (RE = 0) while a frame is being
received, the receive function will be enabled until
reception of the corresponding frame is completed.
0: Receive function is disabled
1: Receive function is enabled
5
TE
0
R/W
Transmission Enable
If a switch is made from transmit function enabled
(TE = 1) to disabled (TE = 0) while a frame is being
transmitted, the transmit function will be enabled until
transmission of the corresponding frame is
completed.
0: Transmit function is disabled
1: Transmit function is enabled
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
ILB
0
R/W
Internal Loop Back Mode
Specifies loopback mode in the EtherC.
0: Normal data transmission/reception is performed.
1: Data loopback is performed inside the MAC in the
EtherC at DM = 1.
2
ELB
0
R/W
External Loop Back Mode
This bit value is output directly to this LSI’s general-
purpose external output pin (EXOUT). This bit is
used for loopback mode directives, etc., in the PHY-
LSI, using the EXOUT pin. In order for PHY-LSI
loopback to be implemented using this function, the
PHY-LSI must have a pin corresponding to the
EXOUT pin.
0: Low-level output from the EXOUT pin
1: High-level output from the EXOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com