Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 686 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 686 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 682Page - Renesas Technology Corp SH7713 Datasheet HTML 683Page - Renesas Technology Corp SH7713 Datasheet HTML 684Page - Renesas Technology Corp SH7713 Datasheet HTML 685Page - Renesas Technology Corp SH7713 Datasheet HTML 686Page - Renesas Technology Corp SH7713 Datasheet HTML 687Page - Renesas Technology Corp SH7713 Datasheet HTML 688Page - Renesas Technology Corp SH7713 Datasheet HTML 689Page - Renesas Technology Corp SH7713 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 646 of 860
REJ09B0288-0150
18.3.5
PHY Interface Register (PIR)
PIR is a 32-bit readable/writable register that provides a means of accessing the PHY-LSI registers
via the MII.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
MDI
Undefined
R
MII Management Data-In
Indicates the level of the MDIO pin.
2
MDO
0
R/W
MII Management Data-Out
Outputs the value set to this bit from the MDIO pin,
when the MMD bit is 1.
1
MMD
0
R/W
MII Management Mode
Specifies the data read/write direction with respect to
the MII.
0: Read direction is indicated
1: Write direction is indicated
0
MDC
0
R/W
MII Management Data Clock
Outputs the value set to this bit from the MDC pin
and supplies the MII with the management data
clock. For the method of accessing the MII registers,
see section 18.4.4, Accessing MII Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com