Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 687 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 687 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 683Page - Renesas Technology Corp SH7713 Datasheet HTML 684Page - Renesas Technology Corp SH7713 Datasheet HTML 685Page - Renesas Technology Corp SH7713 Datasheet HTML 686Page - Renesas Technology Corp SH7713 Datasheet HTML 687Page - Renesas Technology Corp SH7713 Datasheet HTML 688Page - Renesas Technology Corp SH7713 Datasheet HTML 689Page - Renesas Technology Corp SH7713 Datasheet HTML 690Page - Renesas Technology Corp SH7713 Datasheet HTML 691Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 647 of 860
REJ09B0288-0150
18.3.6
MAC Address High Register (MAHR)
MAHR is a 32 -bit readable/writable register that specifies the upper 32 bits of the 48-bit MAC
address. The settings in this register are normally made in the initialization process after a reset.
The MAC address setting must not be changed while the transmitting and receiving functions are
enabled. To switch the MAC address setting, return the EtherC and E-DMAC to their initial states
by means of the SWR bit in EDMR before making settings again.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 MA47 to
MA16
All 0
R/W
MAC Address Bits
These bits are used to set the upper 32 bits of the
MAC address.
If the MAC address is 01-23-45-67-89-AB
(hexadecimal), the value set in this register is
H'01234567.
18.3.7
MAC Address Low Register (MALR)
MALR is a 32-bit readable/writable register that specifies the lower 16 bits of the 48-bit MAC
address. The settings in this register are normally made in the initialization process after a reset.
The MAC address setting must not be changed while the transmitting and receiving functions are
enabled. To switch the MAC address setting, return the EtherC and E-DMAC to their initial states
by means of the SWR bit in EDMR before making settings again.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
MA15 to
MA0
All 0
R/W
MAC Address Bits 15 to 0
These bits are used to set the lower 16 bits of the MAC
address.
If the MAC address is 01-23-45-67-89-AB
(hexadecimal), the value set in this register is
H'000089AB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com