Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 684 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 684 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 680Page - Renesas Technology Corp SH7713 Datasheet HTML 681Page - Renesas Technology Corp SH7713 Datasheet HTML 682Page - Renesas Technology Corp SH7713 Datasheet HTML 683Page - Renesas Technology Corp SH7713 Datasheet HTML 684Page - Renesas Technology Corp SH7713 Datasheet HTML 685Page - Renesas Technology Corp SH7713 Datasheet HTML 686Page - Renesas Technology Corp SH7713 Datasheet HTML 687Page - Renesas Technology Corp SH7713 Datasheet HTML 688Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 684 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 644 of 860
REJ09B0288-0150
18.3.3
EtherC Status Register (ECSR)
ECSR is a 32-bit readable/writable register and indicates the status in the EtherC. This status can
be notified to the CPU by interrupts. When 1 is written to the LCHNG, MPD, and ICD, the
corresponding flags can be cleared. Writing 0 does not affect the flag. For bits that generate
interrupt, the interrupt can be enabled or disabled according to the corresponding bit in ECSIPR.
The interrupts generated due to this status register are indicated in ECI bit in EESR of the E-
DMAC derived.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
LCHNG
0
R/W
Link Signal Change
Indicates that the LNKSTA signal input from the PHY-
LSI has changed from high to low or low to high.
To check the current Link state, refer to the LMON bit in
the PHY status register (PSR).
0: Change in the LNKSTA signal has not been detected
1: Change in the LNKSTA signal has been detected
(high to low or low to high)
1
MPD
0
R/W
Magic Packet Detection
Indicates that a Magic Packet has been detected on the
line.
0: Magic Packet has not been detected
1: Magic Packet has been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com