Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 689 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 689 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 685Page - Renesas Technology Corp SH7713 Datasheet HTML 686Page - Renesas Technology Corp SH7713 Datasheet HTML 687Page - Renesas Technology Corp SH7713 Datasheet HTML 688Page - Renesas Technology Corp SH7713 Datasheet HTML 689Page - Renesas Technology Corp SH7713 Datasheet HTML 690Page - Renesas Technology Corp SH7713 Datasheet HTML 691Page - Renesas Technology Corp SH7713 Datasheet HTML 692Page - Renesas Technology Corp SH7713 Datasheet HTML 693Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 649 of 860
REJ09B0288-0150
18.3.9
PHY Status Register (PSR)
PSR is a read-only register that can read interface signals from the PHY-LSI.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
LMON
0
R
LNKSTA Pin Status
The Link status can be read by connecting the Link
signal output from the PHY-LSI to the LNKSTA pin. For
the polarity, refer to the PHY-LSI specifications to be
connected.
18.3.10
Transmit Retry Over Counter Register (TROCR)
TROCR is a 32-bit counter that indicates the number of frames that were unable to be transmitted
in 16 transmission attempts including the retransfer. When 16 transmission attempts have failed,
TROCR is incremented by 1. When the value in this register reaches H'FFFFFFFF, the count is
halted. The counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 TROC31 to
TROC0
All 0
R/W
Transmit Retry Over Count
These bits indicate the number of frames that were
unable to be transmitted in 16 transmission attempts
including the retransfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com