Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 688Page - Renesas Technology Corp SH7713 Datasheet HTML 689Page - Renesas Technology Corp SH7713 Datasheet HTML 690Page - Renesas Technology Corp SH7713 Datasheet HTML 691Page - Renesas Technology Corp SH7713 Datasheet HTML 692Page - Renesas Technology Corp SH7713 Datasheet HTML 693Page - Renesas Technology Corp SH7713 Datasheet HTML 694Page - Renesas Technology Corp SH7713 Datasheet HTML 695Page - Renesas Technology Corp SH7713 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 652 of 860
REJ09B0288-0150
18.3.17
Too-Long Frame Receive Counter Register (TLFRCR)
TLFRCR is a 32-bit counter that indicates the number of frames received with a length exceeding
the value specified by the receive frame length register (RFLR). When the value in this register
reaches H'FFFFFFFF, the count is halted. TLFRCR is not incremented when a frame containing
residual bits is received. In this case, the reception of the frame is indicated in the residual-bit
frame counter register (RFCR). The counter value is cleared to 0 by a write to this register with
any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 TLFC31 to
TLFC0
All 0
R/W
Too-Long Frame Receive Count
These bits indicate the count of frames received with a
length exceeding the value in RFLR.
18.3.18
Residual-Bit Frame Receive Counter Register (RFCR)
RFCR is a 32-bit counter that indicates the number of frames received containing residual bits
(less than an 8-bit unit). When the value in this register reaches H'FFFFFFFF, the count is halted.
The counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 RFC31 to
RFC0
All 0
R/W
Residual-Bit Frame Receive Count
These bits indicate the count of frames received
containing residual bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com