Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 695 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 695 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 691Page - Renesas Technology Corp SH7713 Datasheet HTML 692Page - Renesas Technology Corp SH7713 Datasheet HTML 693Page - Renesas Technology Corp SH7713 Datasheet HTML 694Page - Renesas Technology Corp SH7713 Datasheet HTML 695Page - Renesas Technology Corp SH7713 Datasheet HTML 696Page - Renesas Technology Corp SH7713 Datasheet HTML 697Page - Renesas Technology Corp SH7713 Datasheet HTML 698Page - Renesas Technology Corp SH7713 Datasheet HTML 699Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 655 of 860
REJ09B0288-0150
18.3.23
Transmit Frame Counter Register (Normal and Error Transmission) (TXALCR)
TXALCR is a 32-bit counter indicating the number of frames successfully transmitted and frames
transmitted with error in MAC. When the value in this register reaches H'FFFFFFFF, the count is
halted. The counter value is cleared to 0 by a read to this register. This register cannot be written.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 TC031 to
TC000
All 0
R
Transmit Frame Counter Bit
These bits indicate the number of frames successfully
transmitted and frames transmitted with error.
18.3.24
Receive Frame Counter Register (Normal Reception Only) (RXNLCR)
RXNLCR is a 32-bit counter indicating the number of frames successfully received in MAC.
When the value in this register reaches H'FFFFFFFF, the count is halted. The counter value is
cleared to 0 by a read to this register. This register cannot be written.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 NRC031 to
NRC000
All 0
R
Receive Frame Counter Bit
These bits indicate the number of frames successfully
received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com