Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 694 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 694 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 690Page - Renesas Technology Corp SH7713 Datasheet HTML 691Page - Renesas Technology Corp SH7713 Datasheet HTML 692Page - Renesas Technology Corp SH7713 Datasheet HTML 693Page - Renesas Technology Corp SH7713 Datasheet HTML 694Page - Renesas Technology Corp SH7713 Datasheet HTML 695Page - Renesas Technology Corp SH7713 Datasheet HTML 696Page - Renesas Technology Corp SH7713 Datasheet HTML 697Page - Renesas Technology Corp SH7713 Datasheet HTML 698Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 904 page
background image
Section 18 Ethernet Controller (EtherC)
Rev.1.50 Aug. 30, 2006 Page 654 of 860
REJ09B0288-0150
18.3.21
TSU Counter Reset Register (TSU_CTRST)
TSU_CTRST clears the transmit and receive frame counters to 0.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 9
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
CTRST
0
R/W
TSU Counter Reset
When 1 is written to this bit, the values of registers
TXNCR, TXALCR, RXNLCR, and RXALCR, are cleared
to 0. Writing 0 does not affect this bit. These bits are
always read as 0.
7 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
18.3.22
Transmit Frame Counter Register (Normal Transmission Only) (TXNLCR)
TXNLCR is a 32-bit counter indicating the number of frames successfully transmitted in MAC.
When the value in this register reaches H'FFFFFFFF, the count is halted. The counter value is
cleared to 0 by a read to this register. This register cannot be written.
Bit
Bit Name
Initial Value
R/W
Description
31 to 0 NTC031 to
NTC000
All 0
R
Transmit Frame Counter Bit
These bits indicate the number of frames
successfully transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com