| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 693 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 693 Page - Renesas Technology Corp |
|
693 / 904 page ![]() Section 18 Ethernet Controller (EtherC) Rev.1.50 Aug. 30, 2006 Page 653 of 860 REJ09B0288-0150 18.3.19 Multicast Address Frame Receive Counter Register (MAFCR) MAFCR is a 32-bit counter that indicates the number of frames received with a specified multicast address. When the value in this register reaches H'FFFFFFFF, the count is halted. The counter value is cleared to 0 by a write to this register with any value. Bit Bit Name Initial Value R/W Description 31 to 0 MAFC31 to MAFC0 All 0 R/W Multicast Address Frame Count These bits indicate the count of multicast frames received. 18.3.20 IPG Register (IPGR) IPGR sets the IPG (Inter Packet Gap). This register must not be changed while the transmitting and receiving functions of the EtherC mode register (ECMR) are enabled. (For details, refer to section 18.4.6, Operation by IPG Setting.) Bit Bit Name Initial Value R/W Description 31 to 5 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 4 to 0 IPG4 to IPG0 H ′13 R/W Inter Packet Gap Sets the IPG value every 4-bit time. H ′00: 20-bit time H ′01: 24-bit time : : H ′13: 96-bit time (Default) : : H ′1F: 144-bit time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |