Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 722 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 722 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 718Page - Renesas Technology Corp SH7713 Datasheet HTML 719Page - Renesas Technology Corp SH7713 Datasheet HTML 720Page - Renesas Technology Corp SH7713 Datasheet HTML 721Page - Renesas Technology Corp SH7713 Datasheet HTML 722Page - Renesas Technology Corp SH7713 Datasheet HTML 723Page - Renesas Technology Corp SH7713 Datasheet HTML 724Page - Renesas Technology Corp SH7713 Datasheet HTML 725Page - Renesas Technology Corp SH7713 Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 682 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
20
TDEIP
0
R/W
Transmit Descriptor Empty Interrupt Enable
0: Transmit descriptor empty interrupt is disabled
1: Transmit descriptor empty interrupt is enabled
19
TFUFIP
0
R/W
Transmit FIFO Underflow Interrupt Enable
0: Underflow interrupt is disabled
1: Underflow interrupt is enabled
18
FRIP
0
R/W
Frame Received Interrupt Enable
0: Frame received interrupt is disabled
1: Frame received interrupt is enabled
17
RDEIP
0
R/W
Receive Descriptor Empty Interrupt Enable
0: Receive descriptor empty interrupt is disabled
1: Receive descriptor empty interrupt is enabled
16
RFOFIP
0
R/W
Receive FIFO Overflow Interrupt Enable
0: Receive FIFO overflow interrupt is disabled
1: Receive FIFO overflow interrupt is enabled
15 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11
CNDIP
0
R/W
Carrier Not Detect Interrupt Enable
0: Carrier not detect interrupt is disabled
1: Carrier not detect interrupt is enabled
10
DLCIP
0
R/W
Detect Loss of Carrier Interrupt Enable
0: Detect loss of carrier interrupt is disabled
1: Detect loss of carrier interrupt is enabled
9
CDIP
0
R/W
Delayed Collision Detect Interrupt Enable
0: Delayed collision detect interrupt is disabled
1: Delayed collision detect interrupt is enabled
8
TROIP
0
R/W
Transmit Retry Over Interrupt Enable
0: Transmit retry over interrupt is disabled
1: Transmit retry over interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com