Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 725 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 725 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 721Page - Renesas Technology Corp SH7713 Datasheet HTML 722Page - Renesas Technology Corp SH7713 Datasheet HTML 723Page - Renesas Technology Corp SH7713 Datasheet HTML 724Page - Renesas Technology Corp SH7713 Datasheet HTML 725Page - Renesas Technology Corp SH7713 Datasheet HTML 726Page - Renesas Technology Corp SH7713 Datasheet HTML 727Page - Renesas Technology Corp SH7713 Datasheet HTML 728Page - Renesas Technology Corp SH7713 Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 685 of 860
REJ09B0288-0150
19.2.9
Receive Missed-Frame Counter Register (RMFCR)
RMFCR is a 16-bit counter that indicates the number of frames missed (discarded, and not
transferred to the receive buffer) during reception. When the receive FIFO overflows, the receive
frames in the FIFO are discarded. The number of frames discarded at this time is counted. When
the value in this register reaches H
′FFFF, counting-up is halted. When this register is read, the
counter value is cleared to 0. Write operations to this register have no effect.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
MFC15 to
MFC0
All 0
R
Missed-Frame Counter
Indicate the number of frames that are discarded and
not transferred to the receive buffer during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com