Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 307Page - Renesas Technology Corp SH7713 Datasheet HTML 308Page - Renesas Technology Corp SH7713 Datasheet HTML 309Page - Renesas Technology Corp SH7713 Datasheet HTML 310Page - Renesas Technology Corp SH7713 Datasheet HTML 311Page - Renesas Technology Corp SH7713 Datasheet HTML 312Page - Renesas Technology Corp SH7713 Datasheet HTML 313Page - Renesas Technology Corp SH7713 Datasheet HTML 314Page - Renesas Technology Corp SH7713 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 904 page
background image
Section 9 User Break Controller
Rev.1.50 Aug. 30, 2006 Page 271 of 860
REJ09B0288-0150
Table 9.2
Specifying Break Data Register
Bus Selection in
BBRB
BDB31 to BDB16
BDB15 to BDB0
L bus
LDB31 to LDB0
I bus
IDB31 to IDB0
X bus
XDB15 to XDB0
Don’t care
Y bus
Don’t care
YDB15 to YDB0
Notes: 1. Specify an operand size when including the value of the data bus in the break condition.
2.
When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDRB as the break data.
3.
Set the data in bits 31 to 16 when including the value of the data bus as an L-bus
break condition for the MOVS.W @-As,Ds, MOVS.W @As,Ds, MOVS.W @As+,Ds, or
MOVS.W @As+Ix,Ds instruction.
9.2.7
Break Data Mask Register B (BDMRB)
BDMRB is a 32-bit readable/writable register. BDMRB specifies bits masked in the break data
specified by BDRB.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDMB31 to
BDMB 0
All 0
R/W
Break Data Mask B
Specifies bits masked in the break data of channel B
specified by BDRB (BDB31 to BDB0).
0: Break data BDBn of channel B is included in the
break condition
1: Break data BDBn of channel B is masked and is not
included in the break condition
Note:
n = 31 to 0
Notes: 1. Specify an operand size when including the value of the data bus in the break condition.
2.
When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDRB as the break mask data in BDMRB.
3.
Set the mask data in bits 31 to 16 when including the value of the data bus as an L-
bus break condition for the MOVS.W @-As,Ds, MOVS.W @As,Ds, MOVS.W
@As+,Ds, or MOVS.W @As+Ix,Ds instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com