Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 509Page - Renesas Technology Corp 7721 Datasheet HTML 510Page - Renesas Technology Corp 7721 Datasheet HTML 511Page - Renesas Technology Corp 7721 Datasheet HTML 512Page - Renesas Technology Corp 7721 Datasheet HTML 513Page - Renesas Technology Corp 7721 Datasheet HTML 514Page - Renesas Technology Corp 7721 Datasheet HTML 515Page - Renesas Technology Corp 7721 Datasheet HTML 516Page - Renesas Technology Corp 7721 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 577 page
background image
Appendix 6. Machine instructions
APPENDIX
7721 Group User’s Manual
17–50
3
Symbol
Functions
Details
IMP
IMM
A
DIR
DIR,b
DIR,X
DIR,Y
(DIR)
(DIR,X) (DIR),Y
op
n
op
op n
op n
n
op
op n
op nn
op
op n
op
Addressing modes
PLY
x=0
S
←S+1
YL
←M(S)
S
←S+1
YH
←M(S)
x=1
S
←S+1
YL
←M(S)
Restores the contents of the stack on the index register Y.
M(S)
←A, B, X···
Saves the registers among accumulator, index register, direct
page register, data bank register, program bank register,
or processor status register, specified by the bit pattern of
the second byte of the instruction into the stack.
Restores the contents of the stack to the registers among
accumulator, index register, direct page register, data bank
register, or processor status register, specified by the bit
pattern of the second byte of the instruction.
m=0
n bit rotate left
← b15 ··· b0 ←
m=1
n bit rotate left
← b7 ··· b0 ←
A, B, X···
←M(S)
PSH
(Note 6)
PUL
(Note 7)
RLA
(Note 13)
Rotates the contents of the accumulator A, n bits to the
left.
m=0
← b15 ··· b0 ← C ←
m=1
← b7 ··· b0 ← C ←
ROL
(Note 1)
Links the accumulator or the memory to C flag, and rotates
result to the left by 1 bit.
m=0
→ C → b15 ··· b0 →
m=1
→ C → b7 ··· b0 →
ROR
(Note 1)
Links the accumulator or the memory to C flag, and rotates
result to the right by 1 bit.
S
←S+1
PSL
←M(S)
S
←S+1
PSH
←M(S)
S
←S+1
PCL
←M(S)
S
←S+1
PCH
←M(S)
S
←S+1
PG
←M(S)
S
←S+1
PCL
←M(S)
S
←S+1
PCH
←M(S)
S
←S+1
PG
←M(S)
S
←S+1
PCL
←M(S)
S
←S+1
PCH
←M(S)
ACC, C
←ACC–M–C
RTI
RTL
RTS
SBC
(Notes 1,2)
Returns from the interruption routine.
Returns from the subroutine. The contents of the program
bank register are also restored.
Returns from the subroutine. The contents of the program
bank register are not restored.
Subtracts the contents of the memory and the borrow from
the contents of the accumulator.
81
6B
60 51
40 11 1
6A 21 66 72
42 4 2
6A
72
1
2
26 72
36 7 2
2A
42 42
89 63
49
2
2
E5 4 2
F5 5 26
F2
2 E1 7 2 F1
2
3
42 9
F1
E1
42 83
F2
42 73
F5
42 63
E5
4
E9
3
2A
76
+
i
E9
42
8
10
42
#
#
#
n #
##
##
#
#
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com