Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 510Page - Renesas Technology Corp 7721 Datasheet HTML 511Page - Renesas Technology Corp 7721 Datasheet HTML 512Page - Renesas Technology Corp 7721 Datasheet HTML 513Page - Renesas Technology Corp 7721 Datasheet HTML 514Page - Renesas Technology Corp 7721 Datasheet HTML 515Page - Renesas Technology Corp 7721 Datasheet HTML 516Page - Renesas Technology Corp 7721 Datasheet HTML 517Page - Renesas Technology Corp 7721 Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 577 page
background image
Appendix 6. Machine instructions
APPENDIX
7721 Group User’s Manual
17–51
Processor status register
Addressing modes
L(DIR) L(DIR),Y
ABL
ABL,X
(ABS) L(ABS)
STK
REL
SR
(SR),Y
BLK
ABS,b
ABS,X ABS,Y
DIR,b,R ABS,b,R
(ABS,X)
10 98 76
5
2
30
op
n
op
op
op
op
op
op
op
op
op
op
op
op
op
n
n
n
n
op
n
op
op n
n
n
op n
n
n
n
n
ABS
1
IPL
V m x D I
C
Z
7A
41
• • • N •• • • • Z•
• • •
• ••
•
• • ••
N
If restored the contents of
PS, it becomes its value.
And the other cases are no
change.
• • • N •• • • • Z
• • • N V• • • • Z C
• • •
• ••
•
• •
••
Value saved in stack.
• • • N •• • • • Z C
• • •
• ••
•
• •
••
5
EB 12 2
2
14
FB
3i1+4i2
3E 83
6E
3
8
7E
2E 73
73
52
E3
ED
E7
F7
2 F7 11 2
10
ED 43
4
42 12 3
42 6
42 13 3
F9
EF
FF
84 42 8
42
48 5 42 9
FD 63 F9 63 EF 6
FF 74
82
F3
42 73 42 10 3
E3
F3
• • •
• ••
•
• • ••
#
##
#
n#
#
n
n#
#
#
#
n
#
#
#
#
#
#
#
#
E7
42
FD
4
5
C
+
2i1+i2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com