Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 518Page - Renesas Technology Corp 7721 Datasheet HTML 519Page - Renesas Technology Corp 7721 Datasheet HTML 520Page - Renesas Technology Corp 7721 Datasheet HTML 521Page - Renesas Technology Corp 7721 Datasheet HTML 522Page - Renesas Technology Corp 7721 Datasheet HTML 523Page - Renesas Technology Corp 7721 Datasheet HTML 524Page - Renesas Technology Corp 7721 Datasheet HTML 525Page - Renesas Technology Corp 7721 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 577 page
background image
7721 Group User’s Manual
17–59
APPENDIX
Appendix 8. Countermeasure against noise
Appendix 8. Countermeasure against noise
General countermeasure examples against noise are described below. Although the effect of these
countermeasure depends on each system, refer to the following when an noise-related problem occurs.
1. Short wiring length
The wiring on a printed circuit board may function as an antenna which feeds noise into the microcomputer.
The shorter the total wiring length (by mm unit), the less possibility of noise insertion into the microcomputer.
(1)
______
Wiring for RESET pin
______
Make the length of wiring connected to the RESET pin as short as possible.
______
In particular, connect a capacitor between the RESET pin and the Vss pin with the shortest possible
wiring (within 20 mm).
Reason:
______
If noise is input to the RESET pin, the microcomputer restarts operation before the internal
state of the microcomputer is completely initialized. This may cause a program runaway.
Noise
XIN
XOUT
Vss
XIN
XOUT
Vss
M37721
M37721
Not acceptable
Acceptable
Fig. 4 Wiring for clock input/output pins
Reset
circuit
Vss
RESET
Vss
M37721
Acceptable
RESET
Reset
circuit
Noise
Vss
Vss
M37721
Not
acceptable
______
Fig. 3 Wiring for RESET pin
(2)
Wiring for clock input/output pins
q Make the length of wiring connected to the clock input/output pins as short as possible.
q Make the length of wiring between the grounding lead of the capacitor, which is connected to
the oscillator, and the Vss pin of the microcomputer, as short as possible (within 20 mm).
q Separate the Vss pattern for oscillation from all other Vss patterns. (Refer to “Figure 11.”)
Reason:
The microcomputer’s operation
synchronizes with a clock generated
by the oscillation circuit.
If noise enters clock I/O pins, clock
waveforms may be deformed. This
may cause a malfunction or a
program runaway.
Also, if the noise causes a potential
difference between the Vss level of
the microcomputer and the Vss level
of an oscillator, the correct clock
will
not
be
input
in
the
microcomputer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com