Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 519Page - Renesas Technology Corp 7721 Datasheet HTML 520Page - Renesas Technology Corp 7721 Datasheet HTML 521Page - Renesas Technology Corp 7721 Datasheet HTML 522Page - Renesas Technology Corp 7721 Datasheet HTML 523Page - Renesas Technology Corp 7721 Datasheet HTML 524Page - Renesas Technology Corp 7721 Datasheet HTML 525Page - Renesas Technology Corp 7721 Datasheet HTML 526Page - Renesas Technology Corp 7721 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 577 page
background image
7721 Group User’s Manual
17–60
APPENDIX
Appendix 8. Countermeasure against noise
(3)
Wiring for CNVss pin
Connect CNVss pin to the Vss pin with the shortest possible wiring.
Reason:
The processor mode of the
microcomputer is influenced by a
potential at the CNVss pin when
the CNVss pin and the Vcc or Vss
pin are connected.
If the noise causes a potential
difference between the CNVss pin
and the Vss or Vcc pin, the
processor mode may become
unstable. This may cause a
microcomputer malfunction or a
program runaway.
Noise
CNVss
Vss
M37721
CNVss
Vss
M37721
Acceptable
Not Acceptable
When connecting th e C NVss and Vcc pins, connect
them in the shortest p ossible distance, also .
Fig. 5 Wiring for CNVss pin
2. Connection of bypass capacitor between Vss and Vcc lines
Connect an approximate 0.1
µF bypass capacitor as follows:
q Connect a bypass capacitor between the Vss and Vcc pins, at equal lengths.
q The wiring connecting the bypass capacitor between the Vss and Vcc pins should be as short as
possible.
q Use thicker wiring for the Vss and Vcc lines than that for the other signal lines.
Fig. 6 Bypass capacitor between Vss and Vcc lines
Bypass capacitor
Vcc
Vss
M37721
Wiring pattern
Wiring pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com