Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 523Page - Renesas Technology Corp 7721 Datasheet HTML 524Page - Renesas Technology Corp 7721 Datasheet HTML 525Page - Renesas Technology Corp 7721 Datasheet HTML 526Page - Renesas Technology Corp 7721 Datasheet HTML 527Page - Renesas Technology Corp 7721 Datasheet HTML 528Page - Renesas Technology Corp 7721 Datasheet HTML 529Page - Renesas Technology Corp 7721 Datasheet HTML 530Page - Renesas Technology Corp 7721 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 577 page
background image
7721 Group User’s Manual
17–64
APPENDIX
Appendix 8. Countermeasure against noise
5. Setup for I/O ports
Setup I/O ports by hardware and software as follows:
<Hardware protection>
q Connect a resistor of 100
Ω or more to an I/O port in series.
<Software protection>
q Read the data of an input port several times to confirm that input levels are equal.
q Since the output data may reverse because of noise, rewrite data to the output port’s Pi register
periodically.
q Rewrite data to port Pi direction registers periodically.
6. Reinforcement of the power source line
q For the Vss and Vcc lines, use thicker wiring than that of other signal lines.
q When using a multilayer printed circuit board, the Vss and Vcc patterns must each be one of the middle
layers.
q The following is necessary for double-sided printed circuit boards:
•On one side, the microcomputer is installed at the center, and the Vss line is looped or meshed around
it. The vacant area is filled with the Vss line.
•On the opposite side, the Vcc line is wired the same as the Vss line.
•The power source lines of external devices which are connected by bus to the microcomputer must be
connected to the microcomputer's power source lines with the shortest possible wiring.
Reasons: With external devices connected to the microcomputer, the levels of many of the signal lines
(total external address buses: 24 bits) may change simultaneously, causing noise on the power
source line.
Noise
Direction register
Port latch
Data bus
Port
Fig. 12 Setup for I/O ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com