Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 525Page - Renesas Technology Corp 7721 Datasheet HTML 526Page - Renesas Technology Corp 7721 Datasheet HTML 527Page - Renesas Technology Corp 7721 Datasheet HTML 528Page - Renesas Technology Corp 7721 Datasheet HTML 529Page - Renesas Technology Corp 7721 Datasheet HTML 530Page - Renesas Technology Corp 7721 Datasheet HTML 531Page - Renesas Technology Corp 7721 Datasheet HTML 532Page - Renesas Technology Corp 7721 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 577 page
background image
APPENDIX
Appendix 9. 7721 Group Q & A
7721 Group User’s Manual
17–66
SFR
Q
Is there any SFR to which a certain instruction cannot be used for writing ?
(1) Use the LDM or STA instruction to write to the registers or the bits listed below.
Do not use read-modify-write instructions (i.e., CLB, SEB, ASL, ASR, DEC, INC, LSR,
ROL, and ROR).
Pulse output data register 0, 1 (addresses 1A16, 1C16)
UART0, 1 baud rate register (addresses 3116, 3916)
UART0, 1 transmit buffer register (addresses 3316, 3216, 3B16, 3A16)
Timer A2–A4 two-phase pulse signal processing select bit (bits 5–7 at address 4416)
Timer A2–A4 register (addresses 4A16–4F16 ; one-shot pulse mode or pulse width
modulation mode)
Refresh timer (address 6616)
(2) Use the SEB or CLB instruction to write to the following register.
DMAC control register H (address 6916 ; when any of bits 4 to 7 = “1”)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com