Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 528Page - Renesas Technology Corp 7721 Datasheet HTML 529Page - Renesas Technology Corp 7721 Datasheet HTML 530Page - Renesas Technology Corp 7721 Datasheet HTML 531Page - Renesas Technology Corp 7721 Datasheet HTML 532Page - Renesas Technology Corp 7721 Datasheet HTML 533Page - Renesas Technology Corp 7721 Datasheet HTML 534Page - Renesas Technology Corp 7721 Datasheet HTML 535Page - Renesas Technology Corp 7721 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–69
Appendix 9. 7721 Group Q & A
Interrupt
Suppose that there is a routine which should not accept one certain interrupt request. (The other
interrupt request are acceptable).
Although when the interrupt priority level select bits for the above interrupt are set to “0002,” in other
words, when this interrupt is set to be disabled, this interrupt request is actually accepted immediately
after change of the priority level. Why did this occur and what should I do about it?
As for the change of the interrupt priority level, when the following are met, the microcomputer may
pretend to accept an interrupt request immediately after this interrupt is set to be disabled:
•The next instruction (in the above example, it is the LDA instruction) is already stored into a instruc-
tion queue buffer for the BIU.
•Conditions for accepting the instruction which should not be accepted are satisfied immediately
before the next instruction in the instruction queue buffer is executed.
When writing to a memory or an I/O, the CPU passes the address and data to the BIU. Then, the
CPU executes the next instruction in the instruction queue buffer while the BIU is writing data into
the actual address. Detection of interrupt priority level is performed at the beginning of each instruc-
tion.
In the above case, the CPU executes the next instruction before the BIU completes the change of
the interrupt priority level. Therefore, when the interrupt priority level is detected synchronously with
the execution of the next instruction, the interrupt priority level before the change is detected and its
interrupt request is accepted.
Q
A
(1/2)
Interrupt request is
accepted
in
this
interval
:
LDM #00H, XXXIC ; Writes “0002” to interrupt priority level select bits.
; Clears interrupt request bit to “0.”
LDA A,DATA
; Instruction at the beginning of the routine which
should not accept one certain interrupt request.
:;
Previous instruction
executed
(Instruction prefetched)
CPU operation
BIU operation
Interrupt priority detection time
Sequence of execution
Interrupt priority level select bits set
Change of interrupt priority levels
completed
Interrupt request accepted
Interrupt request generated
LDM instruction
executed
LDA instruction
executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com