Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 530Page - Renesas Technology Corp 7721 Datasheet HTML 531Page - Renesas Technology Corp 7721 Datasheet HTML 532Page - Renesas Technology Corp 7721 Datasheet HTML 533Page - Renesas Technology Corp 7721 Datasheet HTML 534Page - Renesas Technology Corp 7721 Datasheet HTML 535Page - Renesas Technology Corp 7721 Datasheet HTML 536Page - Renesas Technology Corp 7721 Datasheet HTML 537Page - Renesas Technology Corp 7721 Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–71
Appendix 9. 7721 Group Q & A
Interrupt
Q
(1)
In both the edge sense and level sense, external interrupt requests occur when the input
____
signal to the INTi pin changes its level. This is independent of clock
φ1.
In the edge sense, the interrupt request bit is set to “1” at this time.
(2)
There are two methods: one uses external interrupt’s level sense, and the other uses the
timer’s event counter mode.
Œ Method using external interrupt’s level sense
As for hardware, input a logical sum of multiple interrupt signals (e.g., ‘a’, ‘b’, and ‘c’) to the
____
INTi pin, and input each signal to each corresponding port.
___
As for software, check the ports’ input levels in the INTi interrupt routine in order to detect
which signal (‘a’, ‘b’, or ‘c’) was input.
A
(1)
____
Which timing of clock
φ1 is the external interrupts (input signals to the INTi pin) detected?
(2)
____
How can four or more external interrupt input pins (INTi) be used?
 Method using timer’s event counter mode
As for hardware, input interrupt signals to the TAiIN pins or TBiIN pins.
As for software, set the timer’s operating mode to the event counter mode. Then, set a value
“000016” into the timer register and select the valid edge.
The timer’s interrupt request occurs when an interrupt signal (selected valid edge) is input.
a
M37721
Port
Port
Port
INTi
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com