Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 531Page - Renesas Technology Corp 7721 Datasheet HTML 532Page - Renesas Technology Corp 7721 Datasheet HTML 533Page - Renesas Technology Corp 7721 Datasheet HTML 534Page - Renesas Technology Corp 7721 Datasheet HTML 535Page - Renesas Technology Corp 7721 Datasheet HTML 536Page - Renesas Technology Corp 7721 Datasheet HTML 537Page - Renesas Technology Corp 7721 Datasheet HTML 538Page - Renesas Technology Corp 7721 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 577 page
background image
APPENDIX
Appendix 9. 7721 Group Q & A
7721 Group User’s Manual
17–72
What are there the stack bank select bit (bit 7 at address 5E16) for?
Q
Stack, DRAM
A
It is supposed that DRAM is used as the stack area.
When connecting DRAM, the stack pointer addressing mode or stack operation instruction etc.
can be used. It is because all of 64 Kbytes can be used as the stack area when bank FF16 which
is assigned to DRAM is set as the stack area.
(The internal RAM also functions as the temporary area or the register file which is accessed
frequently because the internal RAM can be accessed with no Wait. Accordingly, it is expected
that the capacity will lack to be used as the stack area. As for the M37721, DRAM area can be
set as the stack area because cheap DRAM can be connected.)
Use bank 0 which is assigned to the internal RAM area as the stack area when DRAM is not
connected or the internal RAM is sufficient to be used as the stack area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com