Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 535Page - Renesas Technology Corp 7721 Datasheet HTML 536Page - Renesas Technology Corp 7721 Datasheet HTML 537Page - Renesas Technology Corp 7721 Datasheet HTML 538Page - Renesas Technology Corp 7721 Datasheet HTML 539Page - Renesas Technology Corp 7721 Datasheet HTML 540Page - Renesas Technology Corp 7721 Datasheet HTML 541Page - Renesas Technology Corp 7721 Datasheet HTML 542Page - Renesas Technology Corp 7721 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 577 page
background image
APPENDIX
Appendix 9. 7721 Group Q & A
7721 Group User’s Manual
17–76
DRAM
How is the program execution time affected when using DRAM ?
Q
A
(1/2)
Rate occupied by DRAM refresh cycle during program execution time
Rate occupied by DRAM refresh cycle
f(XIN) = 25 MHz
2.6 %
0.3 %
f(XIN) = 16 MHz
4.2 %
0.5 %
Refresh interval
15.625
µs
(Case of 512 refresh cycles, every 8 ms)
125
µs
(Case of 512 refresh cycles, every 64 ms)
When the M37721 uses DRAM, the execution time is affected as follows:
•CPU stops and DRAM refresh cycle is inserted.
•1-bus cycle becomes 3
φ when accessing DRAM.
(1) Refresh method of the M37721’s DRAMC is the dispersion refresh and 5 cycles of
φ are
necessary for one refresh. The rate occupied by the DRAM refresh cycle during the program
execution time is described below.
(2) The comparison results of two sample programs’ execution times are listed below; one is for
the case where SRAM is used and the other is for the case where DRAM is used.
Use conditions : Execution program
Sample program B (See (2/2))
f(XIN)
16 MHz
External data bus width 16 bits
Refresh interval
13
µs
Memory used as work area
SRAM
SRAM
DRAM (bank FF16)
DRAM (bank FF16)
Software wait valid area
Nothing
ROM and RAM
Nothing
ROM
Speed comparison
1.00
1.47
1.15
1.53
Execution time
3.4 ms
5.0 ms
3.9 ms
5.2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com