Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 538Page - Renesas Technology Corp 7721 Datasheet HTML 539Page - Renesas Technology Corp 7721 Datasheet HTML 540Page - Renesas Technology Corp 7721 Datasheet HTML 541Page - Renesas Technology Corp 7721 Datasheet HTML 542Page - Renesas Technology Corp 7721 Datasheet HTML 543Page - Renesas Technology Corp 7721 Datasheet HTML 544Page - Renesas Technology Corp 7721 Datasheet HTML 545Page - Renesas Technology Corp 7721 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–79
Appendix 10. Differences between 7721 Group and 7720 Group
Appendix 10. Differences between 7721 Group and 7720 Group
Table 2 Differences between M37721S2BFP and M37720S1AFP
M37720S1AFP
512 bytes
16 MHz (maximum)
250 ns
4 bits ! 2 channels
Undefined
Exists (LDM, STA instructions
cannot be used.)
One of the following:
•When setting the receive
enable bit to “0”
•When setting the serial I/O
mode select bits to “0002”
•When reading the receive
buffer register
When all of the following are
satisfied:
•Receive enable bit = “1”
•Reception is stopped.
8 Mbytes/sec
M37721S2BFP
1024 bytes (Note)
25 MHz (maximum)
160 ns
4 bits ! 2 channels, or
6 bits ! 1channel and 2 bits ! 1channel
Retains the value before using
real-time output
Nothing (LDM, STA instructions
can be used.)
One of the following:
•When setting the receive enable
bit to “0”
•When setting the serial I/O mode
select bits to “0002”
When all of the following are
satisfied:
•Receive enable bit = “1”
•Reception is stopped.
•Dummy data is present in the
transmit buffer register
12.5 Mbytes/sec
Item
Internal RAM size
External clock input frequency
Instruction execution time (minimum)
Bit configuration of
real–time output channel
Port latch state after
using real-time output
Limitation for instruction used when writing
to interrupt control register
Timing when overrun error flag
becomes “0”
____
Conditions for outputting “L” of RTS
signal in clock synchronous serial I/O
mode
DMA shortest transfer rate
(At 1-bus cycle transfer)
Note: 512 bytes can be selected by software. For the M37721S1BFP, its internal RAM size is 512 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com