Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 544 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 540Page - Renesas Technology Corp 7721 Datasheet HTML 541Page - Renesas Technology Corp 7721 Datasheet HTML 542Page - Renesas Technology Corp 7721 Datasheet HTML 543Page - Renesas Technology Corp 7721 Datasheet HTML 544Page - Renesas Technology Corp 7721 Datasheet HTML 545Page - Renesas Technology Corp 7721 Datasheet HTML 546Page - Renesas Technology Corp 7721 Datasheet HTML 547Page - Renesas Technology Corp 7721 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 577 page
background image
7721 Group User’s Manual
17–81
Appendix 11. Electrical characteristics
APPENDIX
Recommended operating conditions (VCC = 5 V ± 10 %, Ta = –20 to 85 °C, unless otherwise noted)
V
V
V
V
V
V
V
V
mA
mA
mA
mA
MHz
Vcc
AVcc
Vss
AVss
VIH
VIH
VIL
VIL
IOH (peak)
IOH (avg)
IOL (peak)
IOL (avg)
f(XIN)
Unit
Limits
Parameter
Symbol
Min.
Max.
Typ.
5.5
Vcc
Vcc
0.2 Vcc
0.16 Vcc
–10
–5
10
5
25
5.0
Vcc
0
0
4.5
0.8 Vcc
0.5 Vcc
0
0
Power source voltage
Analog power source voltage
Power source voltage
Analog power source voltage
High-level input voltage
High-level input voltage
Low-level input voltage
Low-level input voltage
High-level peak output current
High-level average output
current
Low-level peak output current
Low-level average
output current
External clock input frequency
P43–P47, P50–P57, P60–P67, P70–P77,
____
P80–P87, P90–P97, P100–P107, RDY,
_____
______
HOLD, BYTE, CNVss, RESET, XIN, VREF
A8/D8–A15/D15, A16/D0–A23/D7
P43–P47, P50–P57, P60–P67, P70–P77,
____
P80–P87, P90–P97, P100–P107, RDY,
_____
______
HOLD, BYTE, CNVSS, RESET, XIN,
VREF
A8/D8–A15/D15, A16/D0–A23/D7
A0/MA0–A7/MA7, A8/D8–A15/D15,
A16/D0–A23/D7, P43–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
________
P90–P97, P100–P107,
φ1, RESETOUT,
____
____
__
ST0, ST1, ALE, BLE, BHE, R/W
A0/MA0–A7/MA7, A8/D8–A15/D15,
A16/D0–A23/D7, P43–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
_________
P90–P97, P100–P107,
φ1, RESETOUT,
____
____
__
ST0, ST1, ALE, BLE, BHE, R/W
A0/MA0–A7/MA7, A8/D8–A15/D15,
A16/D0–A23/D7, P43–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
_________
P90–P97, P100–P107,
φ1, RESETOUT,
____
____
__
ST0, ST1, ALE, BLE, BHE, R/W
A0/MA0–A7/MA7, A8/D8–A15/D15,
A16/D0–A23/D7, P43–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
_________
P90–P97, P100–P107,
φ1, RESETOUT,
____
____
__
ST0, ST1, ALE, BLE, BHE, R/W
Notes 1: Average output current is the average value of a 100 ms interval.
____
2: The sum of IOL(peak) for P8, P9, A0/MA0–A7/MA7, A8/D8–A15/D15, A16/D0–A23/D7, ST0, ST1, ALE, BLE,
____
__
BHE, and R/W must be 80 mA or less; the sum of IOH(peak) for P8, P9, A0/MA0–A7/MA7, A8/D8–
____
____
__
A15/D15, A16/D0–A23/D7, ST0, ST1, ALE, BLE, BHE, and R/W must be 80 mA or less; the sum of
IOL(peak) for P4, P5, P6, P7, P10, and
φ1 must be 80 mA or less; the sum of IOH(peak) for P4, P5, P6,
P7, P10, and
φ1 must be 80 mA or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com